|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
agilent hfct-5801 155 mb/s single mode fiber transceiver for atm, sonet oc-3/sdh stm-1 part of the agilent metrak family data sheet description general the hfct-5801 transceiver is a high performance, cost effective module for serial optical data communications applications specified for a data rate of 155 mb/s. it is designed to provide a sonet/sdh compliant link for intermediate reach links operating at +3.3 v input voltage. the multisourced 2 x 9 footprint package style is a variation of the standard 1 x 9 package with an integral duplex sc connector receptacle. the extra row of 9 pins provides connections for laser bias and optical power monitoring as well as providing transmitter disable function. a block diagram is shown in figure 1. features ? 1300 nm single mode transceiver for links up to 15 km compliant with t1.646-1995 broadband isdn and t1e1.2/98-011r1 sonet network to customer installation interface standards compliant with t1.105.06 sonet physical layer specifications standard multisourced 2 x 9 pin-out package style derived from 1 x 9 pin-out industry standard package style unconditionally eyesafe laser iec 825/cdrh class 1 compliant integral duplex sc connector receptacle compatible with tia/eia and iec standards laser bias monitor, power monitor and transmitter disable functions compliant with sonet objectives two temperature ranges: 0c - +70c hfct-580ib/d -40c - +85c HFCT-5801A/c single +3.3 v power supply operation and compatible lvpecl logic interfaces wave solder and aqueous wash process compatible manufactured in an iso 9002 certified facility considerable emi margin to fcc class b applications atm 155 mb/s links for lan backbone switches and routers atm 155 mb/s links for wan core, edge and access switches and routers atm 155 mb/s links for add/drop multiplexers and demultiplexers sonet oc-3/sdh stm-1 (s-1.1) interconnections
2 v cc v ee 30 k v ref 1.28 v 3 k p ower m onitor p in 9 (r ef to v ee ) electrical subassembly data signal detect data post amplifier ic laser driver ic pre- amplifier ic laser pin photodiode duplex sc receptacle top view optical sub- assemblies data data power monitor laser bias monitor transmit disable figure 1. block diagram figure 2a. laser bias monitor figure 2b. power monitor circuit transmitter section the transmitter section of the hfct-5801 consists of a 1300 nm ingaasp laser in an eyesafe optical subassembly (osa) which mates to the fiber cable. the laser osa is driven by a custom ic which converts differential input lvpecl logic signals into an analog laser drive current. the laser bias monitor circuit is shown in figure 2a, the power monitor circuit in figure 2b. receiver section the receiver utilizes an ingaas pin photodiode mounted together with a transimpedance preamplifier ic in an osa. this osa is connected to a circuit providing post-amplification quantization, and optical signal detection. receiver signal detect signal detect is a basic fiber failure indicator. this is a single-ended lvpecl output. as the input optical power is decreased, signal detect will switch from high to low (deassert point) somewhere between sensitivity and the no light input level. as the input optical power is increased from very low levels, signal detect will switch back from low to high (assert point). the assert level will be at least 0.5 db higher than the deassert level. transceiver specified for wide temperature range operation the hfct-5801 is specified for operation over normal commercial temperature range of 0 to +70c (hfct-5801b/d) or the extended temperature range of -40 to +85c (HFCT-5801A/c). characterization of the parts has been performed over the ambient operating temperature range in an airflow of 2 m/s. other members of agilent sc duplex 155 mb/s product family ? hfct-5805, 1300 nm single mode transceiver for links up to 15 km. the part is based on the 1 x 9 industry standard package and has an integral duplex sc connector receptacle applications information typical ber performance of receiver versus input optical power level the hfct-5801 transceiver can be operated at bit-error-rate conditions other than the required ber = 1 x 10 -10 of the atm forum 155.52 mb/s physical layer standard. the typical trade-off of ber versus relative input optical power is shown in figure 3. the relative input optical power in db is referenced to the actual sensitivity of the device. for ber conditions better than 1 x 10 -10 , more input signal is needed (+db). 3 k l mon (+) pin 6 v cc 10 r 3 k v ee l mon (-) pin 5 3 10 -2 10 -3 10 -4 10 -5 10 -6 10 -7 10 -8 10 -9 10 -10 10 -11 10 -12 10 -13 10 -14 10 -15 -5 -4 -3 -2 -1 0 1 2 3 linear extrapolation of 10 -4 through 10 -7 data based on actual data bit error ratio figure 3. relative input optical power - dbm. avg. figure 4. recommended circuit schematic recommended circuit schematic in order to ensure proper functionality of the hfct-5801 a recommended circuit is provided in figure 4. when designing the circuit interface, there are a few fundamental guidelines to follow. for example, in the recommended circuit schematic figure the differential data lines should be treated as 50 ohm microstrip or stripline transmission lines. this will help to minimize the parasitic inductance and capacitance effects. proper termination of the differential data signals will prevent reflections and ringing which would compromise the signal fidelity and generate unwanted electrical noise. locate termination at the received signal end of the transmission line. the length of these lines should be kept short and of equal length. for the high speed signal lines, differential signals should be used, not single-ended signals, and these differential signals need to be loaded symmetrically to prevent unbalanced currents from flowing which will cause distortion in the signal. maintain a solid, low inductance ground plane for returning signal currents to the power supply. multilayer plane printed circuit board is best for distribution of v cc , returning ground currents, forming transmission lines and shielding, also, it is important to suppress noise from influencing the fiber-optic transceiver performance, especially the receiver circuit. proper power supply filtering of v cc for this transceiver is accomplished by using the recommended, separate filter circuits shown in figure 4 for the transmitter and receiver sections. these filter circuits suppress v cc noise over a broad frequency range, this prevents receiver sensitivity degradation due to v cc noise. it is recommended that surface-mount components be used. use tantalum capacitors for the 10 f capacitors and monolithic, ceramic bypass capacitors for the 0.1 f capacitors. also, it is recommended that a surface- mount coil inductor of 3.3 h be c2 rx tx no internal connection no internal connection top view rx v eer 18 rd 17 rd 16 sd 15 rx v ccr 14 tx v cct 13 td 12 td 11 tx v eet 10 nc 1 nc 2 nc 3 nc 4 nc 8 r8 rd rd terminate at phy device inputs sd c3 c4 locate filter at vcc pins v cc l1 l2 v cc r5 r7 r6 c6 r4 v cc r2 r3 r1 c5 td terminate at fiber-optic transceiver inputs td notes: the split-load terminations for lvpecl signals need to be located at the input of devices receiving those lvpecl signals. recommend 4-layer printed circuit board with 50 w microstrip signal paths be used. r1 = r4 = r6 = r8 = r10 = 82 r2 = r3 = r5 = r7 = r9 = 130 c1 = c2 = 10 f c3 = c4 = c7 = c8 = 100 nf c5 = c6 = 0.1 f. l1 = l2 = 3.3 h coil or ferrite inductor. l mon (-) 5 l mon (+) 6 tx dis 7 p mon 9 r10 c1 c7 c8 r9 4 top view 20.32 (0.8) 2 x ? 1.9 0.1 (0.075 0.004) 33.02 (1.3) 2.54 (0.1) 2.54 (0.1) 18 x ? 0.8 0.1 (0.032 0.004) figure 5. recommended board layout hole pattern used. ferrite beads can be used to replace the coil inductors when using quieter v cc supplies, but a coil inductor is recommended over a ferrite bead. all power supply components need to be placed physically next to the v cc pins of the receiver and transmitter. use a good, uniform ground plane with a minimum number of holes to provide a low- inductance ground current return for the power supply currents. in addition to these recommendations, agilents application engineering staff is available for consulting on best layout practices with various vendors mux/demux, clock generator and clock recovery circuits. agilent has participated in several reference design studies and is prepared to share the findings of these studies with interested customers. contact your local agilent sales representative to arrange for this service. evaluation circuit boards evaluation circuit boards are available from agilents application engineering staff. contact your local agilent sales representative to arrange for access to one if needed. recommended solder and wash process the hfct-5801 is compatible with industry standard wave or hand solder processes. a drying cycle must be completed after wash process to remove all moisture from the module. hfct-5801 process plug the hfct-5801 transceiver is supplied with a process plug for protection of the optical ports with the duplex sc connector receptacle. this process plug prevents contamination during wave solder and aqueous rinse as well as during handling, shipping or storage. it is made of high-temperature, molded, sealing material that will withstand +85c and a rinse pressure of 110 lb/in 2 . recommended solder fluxes and cleaning/degreasing chemicals solder fluxes used with the hfct-5801 fiber-optic transceiver should be water-soluble, organic solder fluxes. some recommended solder fluxes are lonco 3355-11 from london chemical west, inc. of burbank, ca, and 100 flux from alpha- metals of jersey city, nj. recommended cleaning and degreasing chemicals for the hfct-5801 are alcohols (methyl, isopropyl, isobutyl), aliphatics (hexane, heptane) and other chemicals, such as soap solution or naphtha. do not use partially halogenated hydrocarbons for cleaning/degreasing. examples of chemicals to avoid are 1.1.1. trichloroethane, ketones (such as mek), acetone, chloroform, ethyl acetate, methylene dichloride, phenol, methylene chloride or n-methylpyrolldone. 5 figure 6. package outline drawing and pinout key: yyww = date code xxxx-xxxx = hfct-5801 zzzz = 1300 nm 52.02 (2.048) max. max. xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx 12.7 (0.50) 25.4 (1.00) 12.7 (0.50) area reserved for process plug agilent max. 3.3 (0.130) 11.1 (0.437) 0.75 (0.03) max. 10.35 (0.407) 8 x 20.32 (0.800) 2.54 (0.100) 20.32 (0.800) 33.02 (1.300) 15.88 (0.625 2.54 (0.100) note 1: solder posts and electrical pins are tin/lead plated. dimensions are in millimeters (inches). tolerances: x.xx 0.025mm x.x 0.05 mm unless otherwise specified. 18 = v eer 17 = rd 16 = rd- 15 = sd 14 = v ccr 13 = v cct 12 = td- 11 = td+ 10 = v eet 1 = n/c 2 = n/c 3 = n/c 4 = n/c 5 = l mon (-) 6 = l mon (+) 7 = t xdis 8 = n/c 9 = p mon rx tx n/c n/c top view 18 x ? 0.46 0.018 +0.25 -0.05 +0.010 -0.002 2 x ? 1.27 0.050 +0.25 -0.05 +0.010 -0.002 6 table 1. regulatory compliance - typical performance regulatory compliance the hfct-5801 is intended to enable commercial system designers to develop equipment that complies with the various regulations governing certification of information technology equipment. see the regulatory compliance table 1 for details. additional information is available from your agilent sales representative. electrostatic discharge (esd) there are two design cases in which immunity to esd damage is important. the first case is during handling of the transceiver prior to mounting it on the circuit board. it is important to use normal esd handling precautions for esd sensitive devices. these precautions include using grounded wrist straps, work benches and floor mats in esd controlled areas. the second case to consider is static discharges to the exterior of the equipment chassis containing the transceiver parts. to the extent that the duplex sc connector is exposed to the outside of the equipment chassis it may be subject to whatever esd system level test criteria that the equipment is intended to meet. electromagnetic interference (emi) most equipment designs utilizing these high-speed transceivers from agilent will be required to meet the requirements of fcc in the united states, cenelec en55022 (cispr 22) in europe and vcci in japan. the hfct-5801 has been characterized without a chassis enclosure to demonstrate the robustness of the parts integral shielding. performance of a system containing these transceivers within a well designed chassis is expected to be better than the results of these tests with no chassis enclosure. immunity equipment utilizing these hfct-5801 transceivers will be subject to radio-frequency electromagnetic fields in some environments. these transceivers, with their integral shields, have been characterized without the benefit of a normal equipment chassis enclosure and the results are reported below. performance of a system containing these transceivers within a well designed chassis is expected to be better than the results of these tests without a chassis enclosure. feature test method performance electrostatic discharge esd) to the electrical pins mii-std-883c method 3015.4 class 1 (>1000 v) - human body model electrostatic discharge esd) to the duplex sc receptacle variation of iec 61000-4-2 air discharge 15 kv electromagnetic interference (emi) fcc class b typically provide greater than 11 db margin below 1 ghz to fcc class b when tested in a gtem with the transceiver mounted to a circuit card without a chassis enclosure at frequencies up to 1 ghz. margins above 1 ghz dependent on customer board and chassis designs. immunity variation of iec 801-3 typically show no measurable effect from a 10 v/m field swept from 27 mhz to 1 ghz applied to the transceiver without a chassis enclosure. eye safety fda cdrh 21-cfr 1040 class 1 accession number: 9521220 - 36 iec 60825 - 1 amendment 2 2001 - 01 license number: 933/510031/03 7 performance specifications absolute maximum ratings stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. limits apply to each parameter in isolation, all other parameters having values within the recommended operating conditions. it should not be assumed that limiti ng values of more than one parameter can be applied to the product at the same time. exposure to the absolute maximum ratings for extended periods can adversely affect device reliability. operating environment transmitter section (ambient operating temperature, v cc = 3.1 v to 3.6 v) notes: 1. 2 m/s air flow required. 2. output power is power coupled into a single mode fiber. 3. the power supply current varies with temperature. maximum current is specified at v cc = maximum@ maximum temperature (not including terminations) and end of life. typical power supply current at +25c and 3.3 v supply. 4. 10% - 90% values. maximum t r , t f times tested against eye mask. 5. these inputs are compatible with 10 k, 10 kh and 100 k lvpecl inputs. parameter symbol minimum maximum units notes power supply voltage v cc +3.1 +3.6 v ambient operating temperature - hfct-5801 a/c t op -40 +85 c 1 ambient operating temperature - hfct-5801 b/d t op 0+70c1 parameter symbol minimum typical maximum units notes output center wavelength l ce 1261 - 1360 output spectral width (rms) dl --7.7nm average optical output power p o -15 - -8 dbm 2 extinction ratio e r 8.2--db bias monitor - - 0.1 - ma/mv rear facet monitor - - v ee +1.28 - v tx di s a b l e t xdis 2.0 - v cc v power supply current i cc -50140ma3 output eye compliant with telcordia tr-nwt-000253 and itu recommendation g.957 optical rise time t r -1.5-ns4 optical fall time t f -1.7-ns4 data input current - lo w i il -200--a data input current - high i ih --200a data input voltage - low v il - v cc -1.81 - -1.475 v 5 data input voltage - high v ih - v cc -1.165 - -0.880 v 5 parameter symbol minimum maximum units notes storage temperature t s -40 +85 c lead soldering temperature/time - - +260/10 c/s input voltage - gnd v cc v power supply voltage - 0 4 v 8 receiver section (ambient operating temperature, v cc = 3.1 v to 3.6 v) notes 6. sensitivity and maximum input power levels for a 2 23 -1 prbs with 72 ones and 72 zeros inserted. (itu recommendation g.958). 7. the current includes 2 23- 1 prbs signal in lvpecl 50 ohm loads. 8. these outputs are compatible with 10 k, 10 kh and 100 k lvpecl outputs. 9. 20 - 80% levels. table 2. pin out table parameter symbol minimum typical maximum units notes receiver sensitivity - - - -31 dbm 6 maximum input power - -7 - - dbm 6 power supply current i cc - 100 160 ma 7 signal detect - deasserted -45 - -31 dbm signal detect - hysteresis 0.5 4 db signal detect assert time (off to on) as_max 100 s signal detect deassert time (on to off) ans_max 350 s signal detect output voltage - low v ol - v cc -1.84 - -1.6 v 8 signal detect output voltage - high v oh - v cc -1.1 - -0.88 v 8 data output voltage - lo w v ol - v cc -1.84 - -1.6 v 8 data output voltage - high v oh - v cc -1.1 - -0.88 v 8 data output rise time t r --2.2ns9 data output fall time t f --2.2ns9 pin symbol functional description mounting studs the mounting studs are provided for transceiver mechanical attachment to the circuit board. they are embedded in the non-conductive plastic housing and are not connected to the transceiver internal circuit. they should be soldered into plated-through holes on the printed circuit board. 1n/c 2n/c 3n/c 4n/c 5l mon (-) laser bias monitor (-) this analog current is monitored by measuring the voltage drop across a 10 ohm resistor placed between high impedance resistors connected to pins 5 and 6 internal to the transceiver. 6l mon (+) laser bias monitor (+) this analog current is monitored by measuring the voltage drop across a 10 ohm resistor placed between high impedance resistors connected to pins 5 and 6 internal to the transceiver. 7t x dis transmitter disable at 3.3 v supply transmitter output disabled: 2.0 v < v 7 < v cct transmitter output uncertain: 1.175 v < v 7 < 2.0 v. transmitter output enabled: v eet < v 7 < 1.175 v or open circuit. 8n/c 9 table 2. pin out table (continued) ordering information temperature range 0c to +70c hfct-5801b black case hfct-5801d blue case temperature range -40c to +85c HFCT-5801A bl ack case hfct-5801c blue case pin symbol functional description 9p mon power monitor the analog voltage measured at this high impedance output provides an indication of whether the optical power output of the laser diode is operating within the normal specified power output range per the following relationships: high light indication: v 9 > 1.78 v. normal operation: v 9 ` 1.28 v. low light indication: v 9 < 0.78 v. 10 v eet transmitter signal ground directly connect this pin to the transmitter signal ground plane. 11 td+ transmitter data in terminate this high-speed, differential transmitter data input with standard lvpecl techniques at the transmitter input pin. 12 td- transmitter data in bar terminate this high-speed, differential transmitter data input with standard lvpecl techniques at the transmitter input pin. 13 v cct transmitter power supply provide +3.3 v dc via the recommended transmitter power supply filter circuit. locate the power supply filter circuit as close as possible to the v cct pin. 14 v ccr receiver power supply provide +3.3 v dc via the recommended receiver power supply filter circuit. locate the power supply filter circuit as close as possible to the v ccr pin. 15 sd signal detect normal input optical levels to the receiver result in a logic "1" output. low input optical levels to the receiver result in a fault indication shown by a logic "0" output. signal detect is a single-ended, lvpecl output. this output will operate with a 270 w termination resistor to v ee to achieve lvpecl output levels. this signal detect output can be used to drive a lvpecl input on an upstream circuit, such as, signal detect input and loss of signal-bar input. 16 rd- receiver data out bar terminate this high-speed, differential, lvpecl output with standard lvpecl techniques at the follow-on device input pin. 17 rd+ receiver data out terminate this high-speed, differential, lvpecl output with standard lvpecl techniques at the follow-on device input pin. 18 v eer receiver signal ground directly connect this pin to receiver signal ground plane. supporting documentation an 1226: hfct-5801 characterization report an1225: hfct-5801 application note hfct-5801 reliability data www.agilent.com/ semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (408) 654-8675 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6271 2451 india, australia, new zealand: (+65) 6271 2394 japan: (+81 3) 3335-8152(domestic/ international), or 0120-61-1280(domestic only) korea: (+65) 6271 2194 malaysia, singapore: (+65) 6271 2054 taiwan: (+65) 6271 2654 data subject to change. copyright ? 2002 agilent technologies, inc. obsoletes: 5988-4254en september 18, 2002 5988-7918en |
Price & Availability of HFCT-5801A |